Part Number Hot Search : 
B20100C B20100C 27C32 20150 STU1955 F1014 MC74ACT TDA8767
Product Description
Full Text Search
 

To Download 35PD1M-TO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Large Area InGaAs p-i-n Photodiode 35PD1M-TO
The 35PD1M-TO, an InGaAs photodiode with a 1mm-diameter photosensitive region and packaged in a TO-46 header, is designed for applications in high sensitivity instrumentation and sensing. Devices are hermetically sealed in a TO-46 header. Low dark current and high dynamic impedance are featured. High reliability is achieved through planar semiconductor design and dielectric-passivation. Chips can also be attached and wire bonded to customersupplied or other specified packages.
Features
Planar Structure Dielectric Passivation High Dynamic Impedance High Responsivity
Device Characteristics:
Parameters
Dark Current
Test Conditions
Class A Class B Class C -1.0V
Min
-
Typ
2 100 1 150 15
Max
-
Units
nA nA A
Capacitance Responsivity Rise/Fall Dynamic Impedance Class A Class B Class C
0V 1300nm 1550nm 0V
0.9 1.0
-
pF A/W A/W ns M ohm M ohm M ohm
50 1.0 0.15
-
Absolute Maximum Ratings
Reverse Voltage Forward Current Reverse Current Operating Temperature Storage Temperature Soldering Temperature 15 Volts 100 mA 20 mA -40oC to + 85oC -40oC to + 85oC 250oC
829 Flynn Road, Camarillo, CA 93012
tel(805)445-4500
fax(805)445-4502


▲Up To Search▲   

 
Price & Availability of 35PD1M-TO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X